Part Number Hot Search : 
BTS726 17D49 AP4880GM 2STA1943 HT82M91A AMH45P SD1455 ADM3074
Product Description
Full Text Search
 

To Download NATK911M25V125X14KLBYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors natk series features ? extended temperature +125 o c & long life (t0 5,000 hours) ? available with anti-vibration wide terminations ? cylindrical v-chip construction for surface mounting ? designed for automatic mounting and reflow ..soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics precautions please review the notes on correct use, safety and precautions found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 16 ~ 35vdc rated capacitance range 47 ~ 3900f operating temp. range -40 ~ +125c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 16 25 35 s.v. (vdc) 20 32 44 tan @ 120hz/20c see speci cations table (page 2) low temperature stability impedance ratio @ 120hz w.v. (vdc) 16 25 35 z -25c/z +20c 222 z -40c/z +20c 433 load life test at w.v. @ 125c 8 ~ 10mm diameter: 2,000 hours 12.5mm diameter: 3,000 hours 16mm diameter: 5,000 hours capacitance change within 30% of initial measured value tan less than 300% of speci ed max. value leakage current less than speci ed max. value standard product and case size d xl (mm) 0.3mm max. d l + - i i w p a b case size d 0.5 l max.* a, b 0.2 i 0.3 p 0.3 w 6.3 x 8 6.3 8.0 6.6 2.5 2.2 0.5 ~ 0.8 8 x 10.8 8.0 10.8 8.3 2.9 3.2 0.7 ~ 1.0 10 x 10.8 10.0 10.8 10.3 3.2 4.6 1.0 ~ 1.4 12.5 x 14 12.5 14.0 12.8 4.5 4.6 1.0 ~ 1.4 16 x 17 16.0 17.0 16.3 5.2 7.0 1.8 ~ 2.1 18x17.5 18.0 17.5 19.0 6.5 7.0 1.7 ~ 2.1 18x22 18.0 *21.5 +0.5 / -1.0 19.0 6.5 7.0 1.7 ~ 2.1 dimensions (mm) cap.( f) code working voltage (vdc) 16 25 35 47 470 - - 6.3x8 100 101 6.3x8 6.3x8 8x10.8 160 161 - - 8x10.8 220 221 - 8x10.8 10x10.8 270 271 - 8x10.8 - 300 301 - - 10x10.8 330 331 8x10.8 10x10.8 12.5x14 390 391 8x10.8 - - 470 471 - 10x10.8 - 620 621 - - 12.5x14 680 681 10x10.8 12.5x14 16x17 910 911 - 12.5x14 - 1000 102 12.5x14 16x17 16x17 1500 152 12.5x14 16x17 18x17.5 2200 222 16x17 18x17.5 18x22 3300 332 18x17.5 18x22 - 3900 392 18x22 - - re ow code j = +240c k = +245c l = +250c n = +260c termination / packaging code b = sn-bi / 13" reel s = sn / 13" reel lb = sn-bi / 15" reel ls = sn / 15" reel note: 16mm & 18mm diameter parts are only available with sn nish
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change natk 161 m 35v 8x6.3 n s w y f rohs compliant wide terminations (opt.) termination/packaging code: s = 100% sn/13" reel, l s = 100% sn/15" reel b = sn-bi/13" reel, lb = sn-bi/15" reel re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site surface mount aluminum electrolytic capacitors natk series ripple current frequency correction factor frequency (hz) 100 < f <1k 1k < f <10k 10k < f <100k 100k < f 47f ~ 3900f 0.60 0.85 0.93 1.00 part number cap. (f) working voltage dissipaton factpr @120hz/20c max. esr () at 100khz/20c max. ripple current (ma rms) at 100khz/125c load life hours @ +125c natk101m16v6.3x8nbyf 100 16 0.20 0.45 200 2,000 natk331m16v8x10.8nbyf 330 0.20 0.18 300 2,000 natk391m16v8x10.8nbyf 390 0.20 0.18 300 2,000 natk471m16v10x10.8lbyf 470 0.20 0.11 500 2,000 natk681m16v10x10.8lbyf 680 0.20 0.11 500 2,000 natk102m16v12.5x14k l byf 1000 0.20 0.08 1200 3,000 natk152m16v12.5x14k lbyf 1500 0.20 0.08 1200 3,000 natk222m16v16x17j lsyf 2200 0.20 0.05 1800 5,000 natk332m16v18x17.5jlsyf 3300 0.24 0.045 2000 5,000 natk392m16v18x22jlsyf 3900 0.24 0.040 2200 5,000 natk101m25v6.3x8nbyf 100 25 0.16 0.45 200 2,000 natk221m25v8x10.8nbyf 220 0.16 0.18 300 2,000 natk271m25v8x10.8nbyf 270 0.16 0.18 300 2,000 natk331m25v10x10.8lbyf 330 0.16 0.11 500 2,000 natk471m25v10x10.8lbyf 470 0.16 0.11 500 2,000 natk681m25v12.5x14k l byf 680 0.16 0.08 1200 3,000 natk911m25v12.5x14k lbyf 910 0.16 0.08 1200 3,000 natk102m25v16x17j lsyf 1000 0.16 0.05 1800 5,000 natk152m25v16x17j lsyf 1500 0.16 0.05 1800 5,000 natk222m25v18x17.5jlsyf 2200 0.18 0.045 2000 5,000 natk332m25v18x22jlsyf 3300 0.20 0.040 2200 5,000 natk470m35v6.3x8nbyf 47 35 0.14 0.45 200 2,000 natk101m35v8x10.8nbyf 100 0.14 0.18 300 2,000 natk161m35v8x10.8nbyf 160 0.14 0.18 300 2,000 natk221m35v10x10.8lbyf 220 0.14 0.11 500 2,000 natk301m35v10x10.8lbyf 300 0.14 0.11 500 2,000 natk331m35v12.5x14klbyf 330 0.14 0.08 1200 3,000 natk471m35v12.5x14k lbyf 470 0.14 0.08 1200 3,000 natk621m35v12.5x14k lbyf 620 0.14 0.08 1200 3,000 natk681m35v16x17j lsyf 680 0.14 0.05 1800 5,000 natk102m35v16x17j lsyf 1000 0.14 0.05 1800 5,000 natk152m35v18x17.5jlsyf 1500 0.14 0.045 2000 5,000 natk222m35v18x22jlsyf 2200 0.16 0.040 2200 5,000 standard values, case sizes & specifications
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl diameter time above 200c time above 217c time above 230c peak temperature 5 seconds 6.3mm & 8mm 80 sec. max. 70 sec. max. 40 sec. max. 260c 10mm 70 sec. max. 60 sec. max. 40 sec. max. 250c 12.5mm 60 sec. max. 50 sec. max. 30 sec. max. 245c 16mm & 18mm 50 sec. max. 40 sec. max. 20 sec. max. 240c peak reflow temperatures and duration case size a b c 6.3x8 1.8 3.6 1.8 8x10.8 2.8 4.1 2.1 10x10.8 4.3 4.4 2.5 12.5x14 4.3 5.8 2.5 16x17 6.6 6.5 5.0 18x17, 22 6.6 7.7 5.0 a c b standard terminations - land pattern dimensions (mm) c w p a r r t b case size d 0.5 l max. a, b c 0.2 p 0.2 w r t 8 x 10.8wt 8.0 10.5 8.3 0.2 9.0 3.2 0.7 ~ 1.0 (0.7) (1.3) 10 x 10.8wt 10.0 10.8 10.3 0.2 11.0 4.6 1.0 ~ 1.4 (0.7) (1.3) 12.5 x 14wt 12.5 14.0 13.5 0.2 14.2 4.6 1.0 ~ 1.4 (2.2) (2.4) 16 x 17wt 16.0 17.0 17.0 0.2 18.0 7.0 1.8 ~ 2.1 (3.0) (2.0) wide termination (wt) dim. (mm) case size a b c 8x10.8 2.5 4.5 4.7 10x10.8 3.8 4.8 4.7 12.5x14 3.8 6.1 6.9 16x17 5.0 8.0 9.5 wt land pattern dim. (mm) a c b termination de ection: wt = 0.15mm max. from bottom of support terminals d l wt anti-vibration skirt surface mount aluminum electrolytic capacitors natk series capacitors can withstand two re ow passes under the speci ed conditions. capacitors must be allowed to cool to room temperature before the second re ow pass. time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) time above 217c (see table)
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change case size a 0.2 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 t max. s 0.1 6.3x8 7.0 7.0 16.0 7.5 12.0 8.2 0.6 - 8x10.8 8.7 8.7 24.0 11.5 16.0 11.1 0.6 - 10x10.8 10.7 10.7 24.0 11.5 16.0 11.2 0.6 - 12.5x14 13.2 13.2 32.0 14.2 24.0 14.3 0.6 28.4 16x17 17.5 17.5 44.0 20.2 28.0 17.3 0.6 40.4 18x17 19.5 19.5 44.0 20.2 32.0 17.8 0.6 40.4 18x22 19.5 19.5 44.0 20.2 32.0 22.5 0.6 40.4 case size w 1.0 qty per reel 13" (330mm) 15" (380mm) 6.3x8 18 500 900 8x10.8 26 300 500 10x10.8 26 300 500 12.5x14 34 - 250 16x17 46 - 200 18x17 46 - 175 18x22 46 - 125 tr13 330mm (13") reel tr15 380mm (15") reel taping specifications (mm) 1. both leader and trailer tape: minimum 10 empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm carrier tape carrier reel surface mount aluminum electrolytic capacitors natk series t a p feeding 1.5? +0.1/- 1.75 d b c 1.5+0.1/-0 1.75 + 0.15 t 4 + 0.1 s wt anti-vibration test test mehod direction: x, y, z axis frequency & duration: 5 to 2000hz for 20 minutes peak to peak amplitude: 5mm peak acceleration: 30g sweep type: log capacitance within 10% of initial value tangent of loss < speci ed value leakage current < speci ed value


▲Up To Search▲   

 
Price & Availability of NATK911M25V125X14KLBYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X